Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q2736 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62703-Q2736
Description  TOPLED RG
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2736 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62703-Q2736 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2736 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspanung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
100
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-board*) (Padgröße je
≥ 16 mm2)
mounted on PC board*) (pad size
≥ 16 mm2 each)
R
th JA
400
K/W
*) PC-board: FR4
LS T770, LO T770, LY T770
LG T770, LP T770


Similar Part No. - Q62703-Q2736

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2708 SIEMENS-Q62703-Q2708 Datasheet
491Kb / 8P
   Multi TOPLED
Q62703-Q2725 SIEMENS-Q62703-Q2725 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
Q62703-Q2749 SIEMENS-Q62703-Q2749 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
Q62703-Q2750 SIEMENS-Q62703-Q2750 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
Q62703-Q2753 SIEMENS-Q62703-Q2753 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results

Similar Description - Q62703-Q2736

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
LP-T776-L1M2-25-Z OSRAM-LP-T776-L1M2-25-Z Datasheet
429Kb / 19P
   TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
   TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
   TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
   TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
   TOPLED RG
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
   Mini TOPLED RG
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com