Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM601(TB)-V Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELM601(TB)-V
Description  5 PIN SOP HIGH SPEED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM601(TB)-V Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELM601(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELM601(TB)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
5 PIN SOP HIGH SPEED
10MBit/s LOGIC GATE PHOTOCOUPLER
Everlight Electronics Co., Ltd.
7
http://www.everlight.com
Document No
:DPC-0000114
Rev. 1
October 3, 2011
ELM6XX series
10%
90%
Output
(Vo)
Output
(Vo)
Input
(IF)
IF=7.5mA
IF=3.75mA
1.5V
tr
tf
tPLH
tPHL
Switching Pos. (B),
I =7.5mA
Switching Pos. (A), IF=0
CML
CM
H
VO(Mi
VO(Ma
Peak
VC
M
5V
Vo
VC
0.5V
Fig. 11 Test circuit and waveforms for tPHL, tPLH, tr, and tf
Fig. 12 Test circuit Common mode Transient Immunity
Notes:
*3 The tPLH propagation delay is measured from 3.75 mA point on the falling edge of the input pulse to the 1.5V point on the
rising edge of the output pulse.
*4 The tPHL propagation delay is measured from 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the
falling edge of the output pulse
*5 tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given
temperature within the worst case operating condition range.
*6 CMH– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the HIGH state
(i.e., VOUT > 2.0V).
*7 CML– The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the LOW output
state (i.e., VOUT < 0.8V).


Similar Part No. - ELM601(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM601 EVERLIGHT-ELM601 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
ELM Technology Corporat...
ELM601BA ELM-TECH-ELM601BA Datasheet
1Mb / 7P
   ELM601BA 1.5A 2.5MHz high efficiency synchronous PWM step-down DC/DC converter
ELM601BA-S ELM-TECH-ELM601BA-S Datasheet
1Mb / 7P
   ELM601BA 1.5A 2.5MHz high efficiency synchronous PWM step-down DC/DC converter
More results

Similar Description - ELM601(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
NEC
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com