Part Name
         Description
ELM3052

 4 PIN SOP RANDOM-PHASE TRIAC ( 11 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
 
 3 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 21:03:01.0
4 PIN SOP RANDOM-PHASE TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-0000083
Rev. 1
November 30, 2010
ELM302X Series
ELM305X Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.5
V
IF = 10mA
Reverse Leakage current
IR
-
-
10
µA
VR = 6V
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Peak Blocking Current
IDRM
-
-
100
nA
VDRM = Rated VDRM
IF = 0mA
Peak On-state Voltage
VTM
-
-
2.5
V
ITM=100mA peak
ELM302X
-
10
-
Critical Rate of
Rise off-state
Voltage
ELM305X
dv/dt
1000
-
-
V/µs
IF=0mA, Figure 8
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
3022
3052
-
-
10
3023
3053
-
-
5
LED Trigger
Current
3024
3054
IFT
-
-
3
mA
Main terminal Voltage=3V
Holding Current
IH
-
3
5
mA
Turn-on time
Ton
-
-
100
µS
VD=6V, RL=100ohm,
IF=20mA
* Typical values at Ta = 25°C



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl