Part Name
         Description
ELM302X

 4 PIN SOP RANDOM-PHASE TRIAC ( 11 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-12-20 21:03:01.0
4 PIN SOP RANDOM-PHASE TRIAC
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http:\\www.everlight.com
Document No:DPC-0000083
Rev. 1
November 30, 2010
ELM302X Series
ELM305X Series
For example, VPEAK = 400V for EL302X series. The dv/dt value is calculated as follows:
Order Information
Part Number
ELM302X(Z)-V
or
ELM305X(Z)-V
Note
X = Part No. (2 for IFT=10mA, 3 for IFT=5mA, 4 for IFT=3mA)
Z = Tape and reel option (TA, TB or none).
V = VDE safety (optional)
Option
Description
Packing quantity
None
Standard
100 units per tube
None
Standard + VDE safety optional
100 units per tube
(TA)
TA tape & reel option
3000 units per reel
(TB)
TB tape & reel option
3000 units per reel
(TA)-V
TA tape & reel option + VDE safety optional
3000 units per reel
(TB)-V
TB tape & reel option + VDE safety optional
3000 units per reel
0.63 x 400
RC
dv/dt =
=
252
RC



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl