Part Name
         Description
EL817(S1)(Y)(TA)-FVG

 4 PIN DIP PHOTOTRANSISTOR ( 14 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
 
 13 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2011-02-18 08:59:58.0
4 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
13
http://www.everlight.com
Document No:DPC-0000011
Rev.4
July 30, 2010
EL817-G Series
Solder Reflow Temperature Profile
150
C
1-3
C/Sec Max
60 – 120 Sec
200
C
217
C
>255
C (30s Max)
1-3
C/Sec Max
60 – 100 Sec
260
C (peak)
TIME (S)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl