Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q2516 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62703-Q2516
Description  Super TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q2516 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62703-Q2516 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q2516 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
50
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
1A
Sperrspanung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
P
tot
190
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
Montage auf PC-board*) (Padgröße
≥ 16 mm2)
mounted on PC board*) (pad size 16 mm 2)
R
th JA
300
K/W
*) PC-board: FR4
LS T672, LO T672, LY T672
LG T672, LP T672


Similar Part No. - Q62703-Q2516

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q2519 SIEMENS-Q62703-Q2519 Datasheet
270Kb / 8P
   Plane 3 mm (T1) LED, Non Diffused
More results

Similar Description - Q62703-Q2516

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
   Super Multi TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
logo
Marktech Corporate
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com