Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL3H7(E)(EA)-VG Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL3H7(E)(EA)-VG
Description  4 PIN ULTRA SMALL SSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3H7(E)(EA)-VG Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL3H7(E)(EA)-VG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3H7(E)(EA)-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-09-20 12:04:08.0
4 PIN ULTRA SMALL SSOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000031
Rev. 3
Septemper 14, 2011
EL3H7-G Series
Features:
• Halogens free
• Current transfer ratio
(CTR: 50~600% at IF =5mA, VCE =5V)
(CTR: 40~320% at IF =10mA, VCE =5V)
• High isolation voltage between input
and output
(Viso=3750 V rms )
• Compact 4 Pin SSOP with a 2.0 mm profile
• Pb free and RoHS compliant.
• UL approved (No. 214129)
• VDE approval (132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
Description
The EL3H7-G series devices consist of an infrared emitting
diode, optically coupled to a phototransistor detector encapsulated
with green compound.
They are packaged in a 4-pin small outline SMD package.
Applications
• DC-DC Converters
• Programmable controllers
• Telecommunication equipments
• Signal transmission between circuits of different potentials and impedances
Pin Configuration
1. Anode
2. Cathode
3. Emitter
4. Collector
Schematic


Similar Part No. - EL3H7(E)(EA)-VG

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
logo
Everlight Electronics C...
EL3H7 EVERLIGHT-EL3H7 Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
EL3H7-G EVERLIGHT-EL3H7-G_14 Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
EL3H7A EVERLIGHT-EL3H7A Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL3H7(E)(EA)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3H7CEA-VG EVERLIGHT-EL3H7CEA-VG Datasheet
453Kb / 12P
   4 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
   Ultra miniature 4 pin SSOP package
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
   8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
ELQ3H4 EVERLIGHT-ELQ3H4 Datasheet
1Mb / 11P
   16 PIN ULTRA SMALL SSOP AC INPUT PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP
EL3H7-G EVERLIGHT-EL3H7-G_14 Datasheet
1Mb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Solid State Optronic
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com