Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2611S(TB)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL2611S(TB)-V
Description  8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL2611S(TB)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL2611S(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL2611S(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No
:DPC-0000120 Rev. 2
November 2, 2011
6N137
EL26XX series
Features:
• High speed 10Mbit/s
10kV/µs min. common mode transient immunity
(EL2611)
• Guaranteed performance from -40 to 85
• Logic gate output
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Pb free and RoHS compliant.
• UL approved (No. 214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2037145)
Description
The 6N137, EL2601 and EL2611 are consists of an infrared
emitting diode optically coupled to a high speed integrated
photo detector logic gate with a strobable output.
It is packaged in a 8-pin DIP package and available in
wide-lead spacing and SMD options.
Applications
• Ground loop elimination
• LSTTL to TTL, LSTTL or 5 volt CMOS
• Line receiver, data transmission
• Data multiplexing
• Switching power supplies
• Pulse transformer replacement
• Computer peripheral interface
Truth Table (Positive Logic)
Input
Enable
Output
H
H
L
L
H
H
H
L
H
L
L
H
H
NC
L
L
NC
H
Pin Configuration
1, No Connection
2, Anode
3, Cathode
4. No Connection
5, Gnd
6, Vout
7, VE
8, VCC
Schematic
5
6
7
8
1
2
3
4
A 0.1µF bypass capacitor must be
connected between pins 8 and 5
*3


Similar Part No. - EL2611S(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL2611S(TB)-V EVERLIGHT-EL2611S(TB)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - EL2611S(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX_14 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL060L EVERLIGHT-EL060L Datasheet
1Mb / 13P
   8 PIN SOP 3.3V HIGH SPEED - 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com