Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL827(S)(TB)-V Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EL827(S)(TB)-V
Description  8 PIN DIP PHOTOTRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL827(S)(TB)-V Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EL827(S)(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL827(S)(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No:DPC-0000047 Rev.2
December 28, 2009
EL827 Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
Peak forward current (1us, pulse)
IFP
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
100
mW
Power dissipation
PC
150
mW
Collector current
IC
50
mA
Collector-Emitter voltage
VCEO
80
V
Output
Emitter-Collector voltage
VECO
7
V
Total power dissipation
PTOT
200
mW
Isolation voltage
*1
VISO
5000
V rms
Operating temperature
TOPR
-55 ~ +110
°C
Storage temperature
TSTG
-55 ~ +125
°C
Soldering temperature
*2
TSOL
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1 & 2 are shorted together, and pins 3 & 4
are shorted together.
*2 For 10 seconds.


Similar Part No. - EL827(S)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL827 EVERLIGHT-EL827 Datasheet
982Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL827M EVERLIGHT-EL827M Datasheet
992Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER EL827 Series
EL827XZ-V EVERLIGHT-EL827XZ-V Datasheet
982Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL827 EVERLIGHT-EL827_13 Datasheet
982Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL827(S)(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL827 EVERLIGHT-EL827_13 Datasheet
982Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
Q825 ETC1-Q825 Datasheet
530Kb / 10P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL827M EVERLIGHT-EL827M Datasheet
992Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER EL827 Series
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL817-G EVERLIGHT-EL817-G Datasheet
427Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-X EVERLIGHT-CNY17-X_10 Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com