Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL208 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # EL208
Description  8 PIN SOP PHOTOTRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL208 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button EL208 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL208 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
8 PIN SOP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http:\\www.everlight.com
Document No:DPC-0000023 Rev. 1
Decmber 28, 2009
EL20X / 21X series
Solder Reflow Temperature Profile
260
°C (peak)
150
°C
1-3
°C/Sec Max
70 – 170 Sec
200
°C
217
°C
>255
°C (30s Max)
1-3
°C/Sec Max
60 – 140 Sec
TIME (S)


Similar Part No. - EL208

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL208 EVERLIGHT-EL208 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Elantec Semiconductor
EL2082 ELANTEC-EL2082 Datasheet
357Kb / 16P
   Current-Mode Multiplier
logo
Intersil Corporation
EL2082 INTERSIL-EL2082 Datasheet
263Kb / 14P
   Current Mode Multiplier
logo
Elantec Semiconductor
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
   Current-Mode Multiplier
EL2082CN ELANTEC-EL2082CN Datasheet
357Kb / 16P
   Current-Mode Multiplier
More results

Similar Description - EL208

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD20X_21X EVERLIGHT-ELD20X_21X Datasheet
406Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_15 Datasheet
870Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
ELD20X EVERLIGHT-ELD20X_13 Datasheet
885Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR DUAL CHANNEL PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL357NCTA-VG EVERLIGHT-EL357NCTA-VG Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
   4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com