Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL0601 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # EL0601
Description  8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL0601 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button EL0601 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL0601 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
8
http://www.everlight.com
Document No:DPC-0000088
Rev.3
August 25, 2011
EL06XX series
Switching Pos. (B), IF=7.5mA
Switching Pos. (A), IF=0
CML
CMH
VO(Min)
VO(Max)
Peak
VCM
0V
5V
Vo
VCM
0.5V
Fig. 14 Test circuit Common mode Transient Immunity
μ
Ω
Fig. 15 Recommended drive circuit for EL0611 families for high-CMR
Ω


Similar Part No. - EL0601

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL0601 EVERLIGHT-EL0601 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - EL0601

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX_14 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL060L EVERLIGHT-EL060L Datasheet
1Mb / 13P
   8 PIN SOP 3.3V HIGH SPEED - 10MBit/s LOGIC GATE PHOTOCOUPLER
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com