Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY64 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # CNY64
Description  4 PIN DIP VERY HIGH ISOLATION VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY64 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  CNY64 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-12-21 12:00:27.0
4 PIN DIP VERY HIGH ISOLATION VOLTAGE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
9
http:\\www.everlight.com
Document No:DPC-0000041 Rev. 2
Dcemeber, 11 2009
CNY64 series
CNY65 series
DISCLAIMER
1. The specifications in this datasheet may be changed without notice. EVERLIGHT reserves the authority
on material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for use as
outlined in this datasheet. EVERLIGHT assumes no responsibility for any damage resulting from use of the
product which does not comply with the absolute maximum ratings and the instructions included in this
datasheet.
3. These specification sheets include materials protected under copyright of EVERLIGHT. Reproduction in
any form is prohibited without the specific consent of EVERLIGHT.


Similar Part No. - CNY64

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64 Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
CNY64 EVERLIGHT-CNY64 Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
More results

Similar Description - CNY64

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64_13 Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
CNY64S EVERLIGHT-CNY64S Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
logo
NEC
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851 Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851_16 Datasheet
674Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com