Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q3848 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62703-Q3848
Description  TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q3848 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62703-Q3848 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q3848 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
v (Vollwinkel)
Viewing angle at 50 %
I
v
2
ϕ
120
120
120
120
120
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 10 mA
V
F
V
F
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
2.0
2.6
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
12
8
101515pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
300
150
300
150
300
150
450
200
450
200
ns
ns
LS T670, LO T670, LY T670
LG T670, LP T670


Similar Part No. - Q62703-Q3848

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q3840 SIEMENS-Q62703-Q3840 Datasheet
61Kb / 8P
   SIDELED
Q62703-Q3841 SIEMENS-Q62703-Q3841 Datasheet
429Kb / 7P
   Symbol LED 5 mm x 2.5 mm, Partly Diffused
Q62703-Q3842 SIEMENS-Q62703-Q3842 Datasheet
471Kb / 8P
   Mini SIDELED
Q62703-Q3843 SIEMENS-Q62703-Q3843 Datasheet
471Kb / 8P
   Mini SIDELED
Q62703-Q3844 SIEMENS-Q62703-Q3844 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
More results

Similar Description - Q62703-Q3848

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
LY-T68F-T2V2-35-1-Z OSRAM-LY-T68F-T2V2-35-1-Z Datasheet
482Kb / 22P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com