Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67006-H5113 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q67006-H5113
Description  GHz PLL with I2C Bus and Four Chip Addresses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67006-H5113 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q67006-H5113 Datasheet HTML 1Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 2Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 3Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 4Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 5Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 6Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 7Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 8Page - Siemens Semiconductor Group Q67006-H5113 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MGP 3006X6
Semiconductor Group
3
I2C Bus Interface
Data are exchanged between the processor and the PLL on the I2C Bus.
SCL, SDA
The clock is generated by the processor (input SCL), while pin SDA works
as an input or output depending on the direction of the data (open
collector; external pull-up resistor). Both inputs have hysteresis and a
low-pass characteristic, which enhances the noise immunity of the I2C
Bus.
The data from the processor pass through an I2C Bus control. Depending
on their function the data are subsequently stored in registers. If the bus
is free, both lines will be in the marking state (SDA, SCL are high). Each
telegram begins with the start condition and ends with the stop condition.
Start condition: SDA goes low, while SCL remains high. Stop condition:
SDA goes high while SCL remains high. All further information transfer
takes place during SCL = low, and the data is forwarded to the control
logic on the positive clock edge.
The table “bit allocation” should be referred to in the following paragraph.
All telegrams are transmitted byte-by-byte, followed by a ninth clock
pulse, during which the control logic returns the SDA-line to low
(acknowledge condition). The first byte is comprised of seven address
bits. These are used by the processor to select the PLL from several
peripheral components (chip select). The eighth bit is always low.
In the data portion of the telegram the first bit of the first or third data byte
determines whether a divider ratio or control information is to follow. In
each case the second byte of the same data type or a stop condition has
to follow the first byte.
V
S, GND
When the supply voltage is applied a power-on reset circuit prevents the
PLL from setting the SDA-line to low, which would block the bus.


Similar Part No. - Q67006-H5113

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67006-H5114 SIEMENS-Q67006-H5114 Datasheet
450Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
More results

Similar Description - Q67006-H5113

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGP3006X SIEMENS-MGP3006X Datasheet
450Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA3302 SIEMENS-SDA3302 Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
   TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com