Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q3194 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q62703-Q3194
Description  Plane 3 mm (T1) LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q3194 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q62703-Q3194 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q3194 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
1998-07-13
LS P380, LO P380, LY P380
LG P380, LP P380
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 °C
LS, LO, LY, LG
Relativer Lichtstrom
Φ
V / ΦV(15 mA) = f (IF)
Relative luminous flux
T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capacity
Duty cycle D = parameter,
T
A = 25 °C
LP
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
Ι
T
T
P
F
t P
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
Ι
F
t
2
10
0.1
p
10 3
mA


Similar Part No. - Q62703-Q3194

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q3190 SIEMENS-Q62703-Q3190 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
Q62703-Q3191 SIEMENS-Q62703-Q3191 Datasheet
432Kb / 7P
   5 mm T1 3/4 LED, Diffused Wide-Angle LED
Q62703-Q3192 SIEMENS-Q62703-Q3192 Datasheet
61Kb / 8P
   SIDELED
Q62703-Q3193 SIEMENS-Q62703-Q3193 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
Q62703-Q3198 SIEMENS-Q62703-Q3198 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
More results

Similar Description - Q62703-Q3194

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com