Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45-21-QK2C-B56702C4CB2-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 45-21-QK2C-B56702C4CB2-2T
Description  PLCC-2 package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

45-21-QK2C-B56702C4CB2-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  45-21-QK2C-B56702C4CB2-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 45-21-QK2C-B56702C4CB2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DATASHEET
SMD Low Power LED
45-21/XK2C-BXXXXXXXXXX/2T
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : 19.Oct.2011. Issue No: V2
Issue No:
www.everlight.com
Mass Production list
Product
CRI
Min.
CCT(K)
Iv (mcd)
Min.
Iv(mcd)
Typ.
Iv(mcd)
Max.
Φ(lm)
Typ.
45-21/LK2C-B56702C4CB2/2T
70
5650K~7000K
2000
2200
2400
6.8
45-21/LK2C-B50634C6CB2/2T
70
5000K~6300K
2200
2400
2600
7.4
45-21/LK2C-B45562C4CB2/2T
70
4500K~5650K
2000
2200
2400
6.8
45-21/LK2C-B38452C4CB2/2T
70
3800K~4500K
2000
2200
2400
6.8
45-21/LK2C-B2832AC2CB2/2T
70
2850K~3250K
1800
2000
2200
6.2
Mass Production list
Product
CRI
Min.
CCT(K)
Iv (mcd)
Min.
Iv(mcd)
Typ.
Iv(mcd)
Max.
Φ(lm)
Typ.
45-21/QK2C-B56702C4CB2/2T
75
5650K~7000K
2000
2200
2400
6.8
45-21/QK2C-B50632C4CB2/2T
75
5000K~6300K
2000
2200
2400
6.8
45-21/QK2C-B45562C4CB2/2T
75
4500K~5650K
2000
2200
2400
6.8
45-21/QK2C-B3845AC2CB2/2T
75
3800K~4500K
1800
2000
2200
6.2
45-21/QK2C-B2832AC2CB2/2T
75
2850K~3250K
1800
2000
2200
6.2
Note:
1. Tolerance of Luminous flux: ±11%.
2. Lm (Typ.) value just for reference.


Similar Part No. - 45-21-QK2C-B56702C4CB2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21-QK2C-B56702C4CB2-2T EVERLIGHT-45-21-QK2C-B56702C4CB2-2T Datasheet
439Kb / 16P
   Low Power LED
More results

Similar Description - 45-21-QK2C-B56702C4CB2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-XK2C-BXXXXXXXXXX-2T EVERLIGHT-67-21-XK2C-BXXXXXXXXXX-2T Datasheet
398Kb / 17P
   PLCC-2 package
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
logo
OSRAM GmbH
LR-T64F OSRAM-LR-T64F Datasheet
2Mb / 24P
   black PLCC-2 package, colorless resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com