Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL3021S(TB)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL3021S(TB)-V
Description  6 PIN DIP RANDOM-PHASE TRIAC DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL3021S(TB)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL3021S(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL3021S(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
6 PIN DIP RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-717-052
Rev. 2
August 14, 2008
EL301X Series
EL302X Series
EL305X Series
Features:
• Peak breakdown voltage
- 250V: EL301X
- 400V: EL302X
- 600V: EL305X
• High isolation voltage between input
and output
(Viso=5000 V rms )
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No.132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
Description
The EL301X, EL302X and EL305X series of devices each consist
of a GaAs infrared emitting diode optically coupled to a monolithic
silicon random phase photo Triac.
They are designed for interfacing between electronic controls and
power triacs to control resistive and inductive loads for 115 to 240
VAC operations.
.
Schematic
Applications
1
2
6
5
4
3
Solenoid/valve controls
Lamp ballasts
Static AC power switch
Interfacing microprocessors to 115 to 240Vac peripherals
Incandescent lamp dimmers
Temperature controls
Motor controls
Pin Configuration
1. Anode
2. Cathode
3. No Connection
4. Terminal
5. Substrate
(do not connect)
6. Terminal


Similar Part No. - EL3021S(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL3021S(TB)(P5)-V EVERLIGHT-EL3021S(TB)(P5)-V Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
More results

Similar Description - EL3021S(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
MOC3010 MOTOROLA-MOC3010 Datasheet
310Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X Datasheet
637Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com