Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N139M(TB)-V Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 6N139M(TB)-V
Description  8 PIN DIP LOW INPUT CURRENT HIGH GAIN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N139M(TB)-V Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  6N139M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N139M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
8 PIN DIP LOW INPUT CURRENT HIGH GAIN
SPLIT DARLINGTON PHOTOCOUPLER
Everlight Electronics Co., Ltd.
5
http://www.everlight.com
Document No:DPC-0000019
Rev.2
February 23, 2009
6N138 6N139
Typical Performance Curves


Similar Part No. - 6N139M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N139M FAIRCHILD-6N139M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
6N139M FAIRCHILD-6N139M Datasheet
442Kb / 14P
   Dual-Channel: HCPL2730M, HCPL2731M (Preliminary) Low Input Current High Gain Split Darlington Optocouplers
6N139M FAIRCHILD-6N139M Datasheet
442Kb / 14P
   Low current ??0.5mA
logo
CT Micro International ...
6N139M CTMICRO-6N139M Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139M UMW-6N139M Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
More results

Similar Description - 6N139M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N138 EVERLIGHT-6N138_13 Datasheet
1Mb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
EL2200 EVERLIGHT-EL2200 Datasheet
1Mb / 18P
   8 PIN DIP HIGH SPEED LOW INPUT CURRENT LOGIC GATE PHOTOCOUPLER
EL0700 EVERLIGHT-EL0700 Datasheet
1Mb / 13P
   8 PIN SOP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Motorola, Inc
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(Low Input Current)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com