Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38-01-A74-YSC-A2T1U1DH-AM Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 38-01-A74-YSC-A2T1U1DH-AM
Description  3mm Power LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

38-01-A74-YSC-A2T1U1DH-AM Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 10Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 11Page - Everlight Electronics Co., Ltd 38-01-A74-YSC-A2T1U1DH-AM Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-07-10 21:51:49.0
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
3mm Power LED
38-01-A74-YSC-A2T1U1DH-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:
1
Page:
8 of 12
Device No.:
DPE-0000136
Published date: 25-June.-2009
Created by:
Vicky Feng
Antistic Packing Materials
Tube
Tube Label Explanation
PART NO: Product Number
QTY: Packing Quantity
LOT No: Lot Number
CAT: Rank of (VF)(Note*)(ΦV)
Note: λd/CIE/Color temperature
Note: Tolerances unless mentioned ±2.0mm. Unit = mm
Standard Box
Tube Label Explanation
CPN: Customer’s Product Number
P/N: Product Number
QTY: Packing Quantity
CAT: Rank of (VF)(Note*)(ΦV)
Note: λd/CIE/Color temperature
HUE/REF: Reference
LOT No: Lot Number
Note: Tolerances unless mentioned ±3.0mm. Unit = mm
PART NO:
QTY:
LOT NO:
CAT:
Label area


Similar Part No. - 38-01-A74-YSC-A2T1U1DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
38-01-A3C-ARTC EVERLIGHT-38-01-A3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
38-01-A84-RAC-D4T1U1DH EVERLIGHT-38-01-A84-RAC-D4T1U1DH Datasheet
515Kb / 16P
   3mm Advanced Super Flux LEDs
38-01-A84-RAC-D4T1U1DH-AM EVERLIGHT-38-01-A84-RAC-D4T1U1DH-AM Datasheet
610Kb / 12P
   3? Piranha
38-01-A84-S3NC-C1S2T2CH EVERLIGHT-38-01-A84-S3NC-C1S2T2CH Datasheet
392Kb / 16P
   3mm Advanced Super Flux LEDs
More results

Similar Description - 38-01-A74-YSC-A2T1U1DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
   3mm POWER LED
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
R5C-ARTC EVERLIGHT-R5C-ARTC Datasheet
118Kb / 6P
   3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
   3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
36-01-B4C-AKNB EVERLIGHT-36-01-B4C-AKNB Datasheet
172Kb / 7P
   3mm POWER LED
36-01-G4C-ARTB EVERLIGHT-36-01-G4C-ARTB Datasheet
169Kb / 7P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
31-01-Y3C-ARTC EVERLIGHT-31-01-Y3C-ARTC Datasheet
170Kb / 6P
   3mm POWER LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com