Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA3S(TB)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # H11AA3S(TB)-V
Description  AC INPUT PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11AA3S(TB)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  H11AA3S(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11AA3S(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
6 PIN DIP PHOTOTRANSISTOR
AC INPUT PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http:\\www.everlight.com
Document No:DPC-717-055
Rev.2
August 14, 2008
H11AAX Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.5
V
IF = ±10mA
Input capacitance
Cin
-
80
-
pF
V = 0, f = 1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter dark current
ICEO
-
-
50
nA
VCE = 10V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 1mA
Collector-Base
breakdown voltage
BVCBO
80
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA
Collector-Emitter capacitance
CCE
-
10
-
pF
VCE = 0V, f = 1MHz
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
H11AA1
20
-
-
H11AA2
10
-
-
H11AA3
50
-
-
Current
Transfer
Ratio
H11AA4
CTR
100
-
-
%
IF = ±10mA ,VCE = 10V
CTR Symmetry
0.5
-
2.0
IF = ±10mA ,VCE = 10V
Collector-emitter
saturation voltage
VCE(sat)
-
-
0.4
V
IF = ±10mA , IC = 0.5mA
Isolation resistance
RIO
10
11
-
-
Ω
VIO = 500Vdc
Input-output capacitance
CIO
-
0.7
-
pF
VIO = 0, f = 1MHz
Turn-on time
Ton
-
-
10
Turn-off time
Toff
-
-
10
Rise time
Tr
-
-
10
Fall time
Tf
-
-
10
µs
VCC = 10V,
IC = 10mA, RL = 100Ω
* Typical values at Ta = 25°C


Similar Part No. - H11AA3S(TB)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA3S FAIRCHILD-H11AA3S Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA3SD FAIRCHILD-H11AA3SD Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA3SM FAIRCHILD-H11AA3SM Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA3SR2M FAIRCHILD-H11AA3SR2M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA3SR2VM FAIRCHILD-H11AA3SR2VM Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11AA3S(TB)-V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC814 SHARP-PC814 Datasheet
74Kb / 5P
   AC Input Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
   AC Input Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
   AC Input Type OPIC Photocoupler
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
   High Input Current, AC Input Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com