Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP3006X Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # MGP3006X
Description  GHz PLL with I2C Bus and Four Chip Addresses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

MGP3006X Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  MGP3006X Datasheet HTML 1Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 2Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 3Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 4Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 5Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 6Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 7Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 8Page - Siemens Semiconductor Group MGP3006X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Combined with a VCO (tuner), the MGP 3006X device, with four hard-switched chip
addresses, forms a digitally programmable phase-locked loop for use in television sets
with PLL-frequency synthesis tuning. The PLL permits precise crystal-controlled setting
of the frequency of the tuner oscillator between 16 and 1300 MHz in increments of
62.5 kHz, and, with a 2.4-GHz prescaler 1/2, in the TV-SAT band in increments of
125 kHz. The tuning process is controlled by a microprocessor via an I2C Bus. The
I2C Bus noise immunity has been improved by a factor of 10 compared to the
SDA 3202-2, and the new crystal oscillator generates a sinusoidal signal, suppressing
the higher-order harmonics, which reduces the moiré noise considerably.
Type
Ordering Code
Package
MGP 3006X
Q67000-H5114
P-DSO-14-1 (SMD)
MGP 3006X
Q67006-H5114
P-DSO-14-1 Tape & Reel (SMD)
GHz PLL with I2C Bus
and Four Chip Addresses
Bipolar IC
MGP 3006X
P-DSO-14-1
Features
q
1-chip system for MPU-control (I2C Bus)
q
4 programmable chip addresses
q
Short pull-in time for quick channel switch-over
and optimized loop stability
q
2 high-current band switch outputs (20 mA)
q
Software-compatible with SDA 3202 series
q
Oxis III technology
Semiconductor Group
1
04.93


Similar Part No. - MGP3006X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGP3006X6 SIEMENS-MGP3006X6 Datasheet
444Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
More results

Similar Description - MGP3006X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA3302 SIEMENS-SDA3302 Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
MGP3006X6 SIEMENS-MGP3006X6 Datasheet
444Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
   TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com