Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT91-21C Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # PT91-21C
Description  1.9mm Round Subminiature Axial Phototransistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT91-21C Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

  PT91-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 4
Page: 9 of 9
Device No:DPT-091-008
Prepared date:07-20-2005
Prepared by:JAINE TSAI
RoHS
PT91-21C
Packing Quantity Specification
1.1000PCS/1Bag,20Bags/1Box
2.10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
PT91-21C


Similar Part No. - PT91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21C EVERLIGHT-PT91-21C Datasheet
249Kb / 7P
   1.9mm Round Subminiature
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PT91-21C-TR7 EVERLIGHT-PT91-21C-TR7 Datasheet
249Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing?쒵ead
More results

Similar Description - PT91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B EVERLIGHT-PT91-21B Datasheet
190Kb / 7P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B-TR9 EVERLIGHT-PT91-21B-TR9 Datasheet
254Kb / 10P
   1.9mm Round Subminiature Yoke Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C Datasheet
200Kb / 9P
   1.9mm Round Subminiature Axial Infrared LED
EAISA2522A0 EVERLIGHT-EAISA2522A0 Datasheet
452Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21C EVERLIGHT-PT91-21C Datasheet
249Kb / 7P
   1.9mm Round Subminiature
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com