Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM04H-P05-45K-N52-TR Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # KM04H-P05-45K-N52-TR
Description  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM04H-P05-45K-N52-TR Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button KM04H-P05-45K-N52-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd KM04H-P05-45K-N52-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
8
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Product Binning
Luminous Intensity spec
Group
Bin
Minimum
Photometric Flux (lm)
Maximum
Photometric Flux (lm)
31
200
225
32
225
250
41
250
275
42
275
300
51
300
350
N
52
350
400
11
400
450
12
450
500
21
500
550
22
550
600
31
600
650
32
650
700
33
700
750
41
750
800
42
800
850
43
850
925
44
925
1000
51
1000
1075
R
52
1075
1150
53
1150
1225
54
1225
1300
Note:
Currently available brightness bins for White LEDs are highlighted and bolded.
Forward Voltage Bins
Bin
Minimum Forward
Voltage (V)
Maximum Forward
Voltage (V)
O1
4.5
5.0
O2
5.0
5.5
O3
5.5
6.0
O4
6.0
6.5
O5
6.5
7.0
O6
7.0
7.5
O7
7.5
8.0
R1
8.0
9.0
R2
9.0
10.0
R3
10.0
11.0
R4
11.0
12.0
Notes
1.
Wide forward voltage 0.5V bin structure
O1 ~ O7
2.
Wide forward voltage 1.0V bin structure
R1 ~ R4


Similar Part No. - KM04H-P05-45K-N52-TR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.2105.11 SCHURTER-KM00.2105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results

Similar Description - KM04H-P05-45K-N52-TR

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com