Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL814M(A)(TD)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EL814M(A)(TD)-V
Description  4 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL814M(A)(TD)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EL814M(A)(TD)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL814M(A)(TD)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4 PIN DIP PHOTOTRANSISTOR
AC INPUT PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000043 Rev. 3
December, 28 2009
EL814 Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.2
1.4
V
IF = ± 20mA
Input capacitance
Cin
-
50
250
pF
V = 0, f = 1KHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter dark
current
ICEO
-
-
100
nA
VCE = 20V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
6
-
-
V
IE = 0.1mA
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
EL814
20
-
300
Current Transfer
ratio
EL814A
CTR
50
-
150
%
IF = ±1mA ,VCE = 5V
CTR Symmetry
0.7
1.3
IF = ±1mA ,VCE = 5V
Collector-emitter saturation
voltage
VCE(sat)
-
0.05
0.2
V
IF = ±20mA ,Ic = 1mA
Isolation resistance
RIO
5×10
10
10
11
-
Ω
VIO = 500Vdc,
40 60%R H
Cut-off frequency
fc
-
80
-
kHz
VCE=5V, IC=2 mA,
RL=100Ω, -3dB
Floating capacitance
CIO
-
0.6
1.0
pF
VIO = 0, f = 1MHz
Rise time
Tr
-
7
18
µs
Fall time
Tf
-
11
18
µs
VCE=2V, IC=2mA,RL=100Ω
* Typical values at Ta = 25°C


Similar Part No. - EL814M(A)(TD)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814 Datasheet
369Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
EL814 EVERLIGHT-EL814 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814A EVERLIGHT-EL814A Datasheet
369Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
EL814XV-V EVERLIGHT-EL814XV-V Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814XX-V EVERLIGHT-EL814XX-V Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
More results

Similar Description - EL814M(A)(TD)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815_10 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL817-G EVERLIGHT-EL817-G Datasheet
427Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR
EL825 EVERLIGHT-EL825 Datasheet
633Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL-817C EVERLIGHT-EL-817C Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com