Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-2S(TA)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # CNY17-2S(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY17-2S(TA)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  CNY17-2S(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY17-2S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-0000038 Rev.5
December 28, 2009
CNY17-X Series
CNY17F-X Series
Features
• Current transfer ratios in selected narrow range groups
CNY17-1, CNY17F-1: 40-80%
CNY17-2, CNY17F-2: 63-125%
CNY17-3, CNY17F-3: 100-200%
CNY17-4, CNY17F-4:160-320%
• High isolation voltage between input and output
(Viso = 5000 Vrms)
• Creepage distance > 7.6 mm
• Operating temperature up to +110°C
• The CNY17F-X series offers no external base connection
for minimum noise susceptibility
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
Schematic
Description
The CNY17-X and CNY17F-X series of devices each
consist of an infrared emitting diode optically coupled to a
phototransistor.
CNY17-X
Ipackaged in a 6-pin DIP package and available in
wide-lead spacing and SMD option.
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base
Applications
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
CNY17F-X
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. No Connection


Similar Part No. - CNY17-2S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-2S FAIRCHILD-CNY17-2S Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-2SD FAIRCHILD-CNY17-2SD Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-2SM FAIRCHILD-CNY17-2SM Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-2SR2M FAIRCHILD-CNY17-2SR2M Datasheet
575Kb / 14P
   Phototransistor Optocouplers
CNY17-2SR2VM FAIRCHILD-CNY17-2SR2VM Datasheet
575Kb / 14P
   Phototransistor Optocouplers
More results

Similar Description - CNY17-2S(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com