Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT14H-P05-65K-R12-TR Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # GT14H-P05-65K-R12-TR
Description  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GT14H-P05-65K-R12-TR Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button GT14H-P05-65K-R12-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd GT14H-P05-65K-R12-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
White Bin Structure
Notes:
1.
The CCT range of Warm-White varies from 2580K to 3710K
2.
The CCT range of Neutral-White varies from 3710K to 4745K.
3.
The CCT range of Cool-White varies from4745K to 7050K
4.
Color coordinates measurement allowance : ±0.01
5.
Color bins are defined at IF=350mA operation.
Cool-White Bin Structure
Chromaticity specification defined by ANSI


Similar Part No. - GT14H-P05-65K-R12-TR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT14-1.1PT HIROSE-GT14-1.1PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-1.3PT HIROSE-GT14-1.3PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-20/3.8-4.8PC HIROSE-GT14-20/3.8-4.8PC Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-20/3.8-4.8SC HIROSE-GT14-20/3.8-4.8SC Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-22/3.4-4.4PC HIROSE-GT14-22/3.4-4.4PC Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
More results

Similar Description - GT14H-P05-65K-R12-TR

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com