Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA255 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # MCA255
Description  PHOTODARLINGTON OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

MCA255 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  MCA255 Datasheet HTML 1Page - Siemens Semiconductor Group MCA255 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–2
MCA230/231/255
Figure 1. Forward voltage versus forward current
Figure 2. Normalized non-saturated and saturated
CTRce at TA = 25°C versus LED current
Figure 3. Normalized non-saturated and saturated
collector-emitter current versus LED current
Figure 4. Normalized collector-base photocurrent
versus LED current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 85
°C
.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vce =1V
Vce = 5 V
IF - LED Current - mA
Vce = 5 V
IF = 10 mA
Ta = 25
°C
Normalized to:
100
10
1
.1
.001
.01
.1
1
10
Vce = 1V
Vce = 5 V
IF - LED Current - mA
Ta = 25
°C
IF = 10 mA
Vce = 5 V
Normalized to:
.1
1
10
100
.001
.01
.1
1
10
IF - LED Current - mA
Ta = 25
°C
Vcb = 3.5 V
IF = 10 mA
Normalized to:
Figure 5. Non-saturated and saturated HFE versus base current
Figure 6. Low to high propagation delay versus
collector load resistance and LED current
Figure 7. High to low propagation delay versus
collector load resistance and LED current
Figure 8. Switching timing waveform and schematic
.01
.1
1
10
100
0
2000
4000
6000
8000
10000
Vce = 5 V
Vce = 1 V
Ib - Base Current -
µA
Ta = 25
°C
0
5
10
15
20
0
20
40
60
80
Ta = 25
°C, Vcc = 5V
Vth = 1.5 V
220
470
1K
IF - LED Current - mA
100
0
5
10
15
20
0
5
10
15
20
100
1K
IF - LED Current - mA
Ta = 25
°C
Vcc = 5 V
Vth = 1.5 V
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
VCC=5 V
VO
RL
IF=10 mA
F=10 KHz,
DF=50%


Similar Part No. - MCA255

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MCA255 ISOCOM-MCA255 Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Vishay Siliconix
MCA255 VISHAY-MCA255 Datasheet
118Kb / 6P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.6, 09-Jan-08
logo
ISOCOM COMPONENTS
MCA255 ISOCOM-MCA255 Datasheet
724Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA255X ISOCOM-MCA255X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA255X ISOCOM-MCA255X Datasheet
724Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results

Similar Description - MCA255

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com