Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT672-N Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LPT672-N
Description  Super TOPLED High-Current LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LPT672-N Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LPT672-N Datasheet HTML 1Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 2Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 3Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 4Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 5Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 6Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 7Page - Siemens Semiconductor Group LPT672-N Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Kennwerte (
T
A = 25 ˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
LG
LP
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F = 10 mA
λ
peak
635
610
586
565
557
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F = 10 mA
λ
dom
628
605
590
570
560
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
(typ.)
I
F = 10 mA
λ
45
40
45
25
22
nm
Abstrahlwinkel bei 50 %
I
v (Vollwinkel)
Viewing angle at 50 %
I
v
2
ϕ
120
120
120
120
120
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F = 50 mA
V
F
V
F
2.0
3.8
2.1
3.8
2.2
3.8
2.6
3.8
2.6
3.8*)
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
0.01
10
µA
µA
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
0
40
35
35
60
80
pF
Schaltzeiten:
Switching times:
I
V from 10 % to 90 %
(typ.)
I
V from 90 % to 10 %
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50 Ω
t
r
t
f
350
200
500
250
350
200
500
250
500
250
ns
ns
*)
V
F max = 3.2 V as of Febr. 97
LS T672, LO T672, LY T672
LG T672, LP T672


Similar Part No. - LPT672-N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT672 OSRAM-LPT672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
More results

Similar Description - LPT672-N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST672 OSRAM-LST672 Datasheet
185Kb / 8P
   Super TOPLED / High-Current LED
logo
Siemens Semiconductor G...
LSST672 SIEMENS-LSST672 Datasheet
464Kb / 8P
   Super Multi TOPLED High-Current LED
LOYT672 SIEMENS-LOYT672 Datasheet
467Kb / 8P
   Super Multi TOPLED High-Current LED
LST679 SIEMENS-LST679 Datasheet
431Kb / 7P
   LC TOPLED Low Current LED
LHT674 SIEMENS-LHT674 Datasheet
402Kb / 7P
   TOPLED Super-Bright, Hyper-Red GaAIAs-LED
LSM779 SIEMENS-LSM779 Datasheet
421Kb / 7P
   LC Mini TOPLED RG Low Current LED
LSA672 SIEMENS-LSA672 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
LHT774 SIEMENS-LHT774 Datasheet
399Kb / 7P
   TOPLED RG Super-Bright, Hyper-Red GaAIAs-LED
logo
Marktech Corporate
LP6-TPP1-01 MARKTECH-LP6-TPP1-01 Datasheet
117Kb / 4P
   RGB TOPLED LED
LM1-TPP1-01 MARKTECH-LM1-TPP1-01 Datasheet
260Kb / 4P
   Cotco RGB TOPLED LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com