Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS-PDIC17-55C-TR8 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ALS-PDIC17-55C-TR8
Description  Ambient Light Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDIC17-55C-TR8 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ALS-PDIC17-55C-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ALS-PDIC17-55C-TR8 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Document No: DLS-0000012 Rev 1
Mar. 30, 2009
9
Surface - Mount
Ambient Light Sensor
ALS-PDIC17-55C/TR8
Recommended method of storage
Reflow Terms:
JEDEC Level 4 Specification
Dry box storage is recommended as soon as the aluminum bag has been opened prevent
moisture absorption. The following conditions should be observed, if dry boxes are not
available:
Storage temperature 10
℃ to 30℃
Storage humidity
≦60%RH max
After more than 72 hours under these conditions moisture content will be too high for
reflow soldering. In case of moisture absorption, the devices will recover to former
condition by drying under the following condition:
192 hours at 40
℃+5℃/-0℃ and 5%RH (dry air / nitrogen), or
96 hours at 60
℃+5℃ and < 5%RH for all device containers, or
24 hours at 125
℃+5℃ not suitable for reel or tubes
ESD Precaution:
Proper storage and handing procedures should be followed to prevent ESD damage to
the devices especially when they are removed from the Anti-static bag. Electro-Static
Sensitive Devices warning labels are on the packing.
Recommended Solder Profile
Notice:
(1) Reflow soldering should not be done more than two times.
(2) When soldering, do not put stress on the devices during heating.
(3) After soldering, do not warp the circuit board.


Similar Part No. - ALS-PDIC17-55C-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8 Datasheet
516Kb / 14P
   Surface - Mount Ambient Light Sensor
ALS-PDIC17-55C-TR8 EVERLIGHT-ALS-PDIC17-55C-TR8_15 Datasheet
428Kb / 12P
   Ambient Light Sensor
More results

Similar Description - ALS-PDIC17-55C-TR8

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com