Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5DV713HF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX5DV713HF
Description  Dual supply 1-of-2 VGA switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX5DV713HF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX5DV713HF Datasheet HTML 6Page - NXP Semiconductors NX5DV713HF Datasheet HTML 7Page - NXP Semiconductors NX5DV713HF Datasheet HTML 8Page - NXP Semiconductors NX5DV713HF Datasheet HTML 9Page - NXP Semiconductors NX5DV713HF Datasheet HTML 10Page - NXP Semiconductors NX5DV713HF Datasheet HTML 11Page - NXP Semiconductors NX5DV713HF Datasheet HTML 12Page - NXP Semiconductors NX5DV713HF Datasheet HTML 13Page - NXP Semiconductors NX5DV713HF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NX5DV713
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 24 November 2011
10 of 20
NXP Semiconductors
NX5DV713
Dual supply 1-of-2 VGA switch
11. Dynamic characteristics
[1]
All typical values are measured at VCC(B) =5V; VCC(A) = 3.3 V; Tamb =25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
Guaranteed by design.
11.1 Test circuits and waveforms
Table 9.
Dynamic characteristics
At recommended operating conditions; Voltages are referenced to GND (ground = 0 V; VCC(B) = 4.5 V to 5.5 V;
VCC(A) = 2 V to 5.5 V.
Symbol
Parameter
Conditions
Tamb = 40 Cto+85 C
Unit
Min
Typ[1]
Max
tpd
propagation delay
H0 to H1, H2 and V0 to V1, V2;
See Figure 8 and Figure 9
[2]
-3-
ns
ten
enable time
SEL to all other outputs;
See Figure 10 and Figure 11
-15-
ns
tdis
disable time
SEL to all other outputs;
See Figure 10 and Figure 11
-5-
ns
tb-m
break-before-make
time
See Figure 12
-10-
ns
tsk(o)
output skew time
Skew between any Rn, Gn and Bn
ports; see Figure 8
[3]
-50-
ps
Measurement points are given in Table 10.
tsk(o) = tPLH1  tPLH2
Fig 8.
Propagation delay and output skew times
001aan180
input
output 1
tPLH
tPHL
VI
GND
VM
VM
VM
VOH
output 2
VOL
VM
VM
VM
VOH
VOL
Table 10.
Measurement points
Input
Output
VM
VI
VX
VM
0.5VCC(A)
GND to VCC(A)
0.9VOH
0.5VCC(B)


Similar Part No. - NX5DV713HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5DV713E NXP-NX5DV713E Datasheet
645Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 1-24 November 2011
NX5DV713EHF NXP-NX5DV713EHF Datasheet
645Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 1-24 November 2011
More results

Similar Description - NX5DV713HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5DV715 PHILIPS-NX5DV715_15 Datasheet
141Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 3-4 November 2011
NX5DV715 NXP-NX5DV715 Datasheet
141Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 3-4 November 2011
NX5DV713E NXP-NX5DV713E Datasheet
645Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 1-24 November 2011
NX5DV4885E NXP-NX5DV4885E Datasheet
378Kb / 20P
   Dual supply 1-of-2 VGA switch
Rev. 2-4 November 2011
PTN3355 NXP-PTN3355 Datasheet
964Kb / 37P
   Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
4 November 2016
logo
Global Mixed-mode Techn...
G3212 GMT-G3212 Datasheet
86Kb / 1P
   Low Capacitance VGA 2:2 Dual-Graphics Cross over switch
logo
Maxim Integrated Produc...
MAX4885 MAXIM-MAX4885 Datasheet
367Kb / 13P
   Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
MAX4885E MAXIM-MAX4885E Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
   High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
logo
Pericom Semiconductor C...
PI3V724 PERICOM-PI3V724 Datasheet
1Mb / 14P
   1 to 2 VGA Demux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com