Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L4053PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX3L4053PW
Description  Triple low-ohmic single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L4053PW Datasheet(HTML) 1 Page - NXP Semiconductors

  NX3L4053PW Datasheet HTML 1Page - NXP Semiconductors NX3L4053PW Datasheet HTML 2Page - NXP Semiconductors NX3L4053PW Datasheet HTML 3Page - NXP Semiconductors NX3L4053PW Datasheet HTML 4Page - NXP Semiconductors NX3L4053PW Datasheet HTML 5Page - NXP Semiconductors NX3L4053PW Datasheet HTML 6Page - NXP Semiconductors NX3L4053PW Datasheet HTML 7Page - NXP Semiconductors NX3L4053PW Datasheet HTML 8Page - NXP Semiconductors NX3L4053PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The NX3L4053 is a triple low-ohmic single-pole double-throw analog switch, suitable for
use as an analog or digital multiplexer/demultiplexer. Each switch has a digital select input
(nS), two independent inputs/outputs (nY0 and nY1) and a common input/output (nZ). All
three switches share an enable input (E). A digital enable pin E is common to all
switches.When E is HIGH, the switches are turned off.
Schmitt trigger action at the digital inputs makes the circuit tolerant to slower input rise and
fall times. Low threshold digital inputs allows this device to be driven by 1.8 V logic levels
in 3.3 V applications without significant increase in supply current ICC. This makes it
possible for the NX3L4053 to switch 4.3 V signals with a 1.8 V digital controller,
eliminating the need for logic level translation. The NX3L4053 allows signals with
amplitude up to VCC to be transmitted from nZ to nY0 or nY1; or from nY0 or nY1 to nZ. Its
low ON resistance (0.5
) and flatness (0.13 ) ensures minimal attenuation and
distortion of transmitted signals.
2.
Features and benefits
Wide supply voltage range from 1.4 V to 4.3 V
Very low ON resistance (peak):
1.8
 (typical) at V
CC =1.4 V
1.0
 (typical) at V
CC =1.65V
0.6
 (typical) at V
CC =2.3 V
0.6
 (typical) at V
CC =2.7 V
0.5
 (typical) at V
CC =4.3 V
Break-before-make switching
High noise immunity
ESD protection:
HBM JESD22-A114F Class 3A exceeds 4000 V
MM JESD22-A115-A exceeds 200 V
CDM AEC-Q100-011 revision B exceeds 1000 V
IEC61000-4-2 contact discharge exceeds 6000 V for switch ports
CMOS low-power consumption
Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
1.8 V control logic at VCC = 3.6 V
Control input accepts voltages above supply voltage
Very low supply current, even when input is below VCC
High current handling capability (350 mA continuous current under 3.3 V supply)
Specified from
40 C to +85 C and from 40 C to +125 C
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
Rev. 4 — 7 November 2011
Product data sheet


Similar Part No. - NX3L4053PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4053PW-Q100 NXP-NX3L4053PW-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
More results

Similar Description - NX3L4053PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
NX3L4053-Q100 NXP-NX3L4053-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
logo
Nexperia B.V. All right...
XS3A4053 NEXPERIA-XS3A4053 Datasheet
319Kb / 17P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com