Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L2267SGU Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3L2267SGU
Description  Low-ohmic dual single-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2267SGU Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3L2267SGU Datasheet HTML 1Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 2Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 3Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 4Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 5Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 6Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 7Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 8Page - NXP Semiconductors NX3L2267SGU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NX3L2267S
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
4 of 20
NXP Semiconductors
NX3L2267S
Low-ohmic dual single-pole double-throw analog switch
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
9.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed but may not
exceed 4.6 V.
[3]
For XQFN10 package: above 133
C the value of P
tot derates linearly with 11.5 mW/K.
10. Recommended operating conditions
[1]
To avoid sinking GND current from terminal nZ when switch current flows in terminal nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nYn. In this case, there
is no limit for the voltage drop across the switch.
[2]
Applies to select input nS signal levels.
Table 4.
Function table[1]
Input nS
Channel on
L
nY0 = nZ; nY1 terminated to GND
H
nY1 = nZ; nY0 terminated to GND
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
VI
input voltage
select input nS
[1]
0.5
+4.6
V
VSW
switch voltage
nZ ON or OFF; nYn ON
[2]
0.5
VCC + 0.5 V
nYn OFF
0
1.4
V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
50
mA
ISW
switch current
VSW > 0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
350
mA
VSW > 0.5 V or VSW < VCC + 0.5 V;
pulsed at 1 ms duration, < 10 % duty cycle;
peak current
-
500
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto +125 C
[3] -250
mW
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.4
4.3
V
VI
input voltage
select input nS
0
4.3
V
VSW
switch voltage
switch input nY0 or nY1
[1] 0VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 1.4 V to 4.3 V
[2] -
200
ns/V


Similar Part No. - NX3L2267SGU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
More results

Similar Description - NX3L2267SGU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
   Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267 NXP-NX3L2267 Datasheet
189Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 4-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com