Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L2267GU Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3L2267GU
Description  Low-ohmic dual single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2267GU Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3L2267GU Datasheet HTML 1Page - NXP Semiconductors NX3L2267GU Datasheet HTML 2Page - NXP Semiconductors NX3L2267GU Datasheet HTML 3Page - NXP Semiconductors NX3L2267GU Datasheet HTML 4Page - NXP Semiconductors NX3L2267GU Datasheet HTML 5Page - NXP Semiconductors NX3L2267GU Datasheet HTML 6Page - NXP Semiconductors NX3L2267GU Datasheet HTML 7Page - NXP Semiconductors NX3L2267GU Datasheet HTML 8Page - NXP Semiconductors NX3L2267GU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NX3L2267
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 8 November 2011
5 of 22
NXP Semiconductors
NX3L2267
Low-ohmic dual single-pole double-throw analog switch
11. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Min
Max
(85
C)
Max
(125
C)
VIH
HIGH-level
input voltage
VCC = 1.4 V to 1.6 V
0.9
-
-
0.9
-
-
V
VCC = 1.65 V to 1.95 V
0.9
-
-
0.9
-
-
V
VCC = 2.3 V to 2.7 V
1.1
-
-
1.1
-
-
V
VCC = 2.7 V to 3.6 V
1.3
-
-
1.3
-
-
V
VCC = 3.6 V to 4.3 V
1.4
-
-
1.4
-
-
V
VIL
LOW-level
input voltage
VCC = 1.4 V to 1.6 V
-
-
0.3
-
0.3
0.3
V
VCC = 1.65 V to 1.95 V
-
-
0.4
-
0.4
0.3
V
VCC = 2.3 V to 2.7 V
-
-
0.5
-
0.5
0.4
V
VCC = 2.7 V to 3.6 V
-
-
0.5
-
0.5
0.5
V
VCC = 3.6 V to 4.3 V
-
-
0.6
-
0.6
0.6
V
II
input leakage
current
select input nS;
VI =GND to 4.3V;
VCC = 1.4 V to 4.3 V
--
-
-
0.5
1
A
IS(OFF)
OFF-state
leakage
current
nYn port; see Figure 5
VCC = 1.4 V to 3.6 V
-
-
5-
10
100
nA
VCC = 3.6 V to 4.3 V
-
-
10
-
50
200
nA
IS(ON)
ON-state
leakage
current
nZ port; see Figure 6
VCC = 1.4 V to 3.6 V
-
-
5-
20
200
nA
VCC = 3.6 V to 4.3 V
-
-
10
-
50
400
nA
ICC
supply current
VI =VCC or GND;
VSW =GND or VCC
VCC = 3.6 V
-
-
100
-
300
3000
nA
VCC = 4.3 V
-
-
150
-
500
5000
nA
I
CC
additional
supply current
VSW =GND or VCC
VI = 2.6 V; VCC =4.3 V
-
2.0
4.0
-
7
7
A
VI = 2.6 V; VCC = 3.6 V
-
0.35
0.7
-
1
1
A
VI = 1.8 V; VCC = 4.3 V
-
7.0
10.0
-
15
15
A
VI = 1.8 V; VCC =3.6 V
-
2.5
4.0
-
5
5
A
VI = 1.8 V; VCC = 2.5 V
-
50
200
-
300
500
nA
CI
input
capacitance
-
1.0
---
-
pF
CS(OFF)
OFF-state
capacitance
port nYn
-
35
-
-
-
-
pF
CS(ON)
ON-state
capacitance
port nYn
-
135
-
-
-
-
pF


Similar Part No. - NX3L2267GU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L2267SGU NXP-NX3L2267SGU Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
More results

Similar Description - NX3L2267GU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
   Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com