Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L2T384 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3L2T384
Description  Dual low-ohmic single-pole single-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2T384 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3L2T384 Datasheet HTML 6Page - NXP Semiconductors NX3L2T384 Datasheet HTML 7Page - NXP Semiconductors NX3L2T384 Datasheet HTML 8Page - NXP Semiconductors NX3L2T384 Datasheet HTML 9Page - NXP Semiconductors NX3L2T384 Datasheet HTML 10Page - NXP Semiconductors NX3L2T384 Datasheet HTML 11Page - NXP Semiconductors NX3L2T384 Datasheet HTML 12Page - NXP Semiconductors NX3L2T384 Datasheet HTML 13Page - NXP Semiconductors NX3L2T384 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NX3L2T384
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 7 November 2011
10 of 20
NXP Semiconductors
NX3L2T384
Dual low-ohmic single-pole single-throw analog switch
12.1 Waveform and test circuits
Measurement points are given in Table 10.
Logic level: VOH is the typical output voltage that occurs with the output load.
Fig 16. Enable and disable times
001aaj522
ten
tdis
switch
enabled
switch
disabled
switch
disabled
VX
VX
nY or nZ output
LOW to OFF
OFF to LOW
nE input
GND
VOH
VM
VM
GND
VI
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VX
1.4 V to 4.3 V
0.5VCC
0.9VOH
Test data is given in Table 11.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
Fig 17. Load circuit for switching times
V
VI
VO
001aaj523
CL
RL
nY/nZ
nZ/nY
nE
VCC
VEXT = 1.5 V
G
Table 11.
Test data
Supply voltage
Input
Load
VCC
VI
tr, tf
CL
RL
1.4 V to 4.3 V
VCC
 2.5ns
35pF
50


Similar Part No. - NX3L2T384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T384 PHILIPS-NX3L2T384_15 Datasheet
320Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 5-8 February 2013
More results

Similar Description - NX3L2T384

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2G66 PHILIPS-NX3L2G66_15 Datasheet
323Kb / 22P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 8-7 February 2013
NX3L2G66 NXP-NX3L2G66 Datasheet
154Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 04-28 August 2009
NX3L2T66 NXP-NX3L2T66_09 Datasheet
153Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L2T66 PHILIPS-NX3L2T66_15 Datasheet
322Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-8 February 2013
NX3L2G384 NXP-NX3L2G384 Datasheet
155Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 03-28 August 2009
NX3L2G384 PHILIPS-NX3L2G384_15 Datasheet
323Kb / 21P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 7-26 March 2013
NX3L2T384 PHILIPS-NX3L2T384_15 Datasheet
320Kb / 20P
   Dual low-ohmic single-pole single-throw analog switch
Rev. 5-8 February 2013
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com