Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4066BT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF4066BT
Description  Quad single-pole single-throw analog switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4066BT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HEF4066BT Datasheet HTML 3Page - NXP Semiconductors HEF4066BT Datasheet HTML 4Page - NXP Semiconductors HEF4066BT Datasheet HTML 5Page - NXP Semiconductors HEF4066BT Datasheet HTML 6Page - NXP Semiconductors HEF4066BT Datasheet HTML 7Page - NXP Semiconductors HEF4066BT Datasheet HTML 8Page - NXP Semiconductors HEF4066BT Datasheet HTML 9Page - NXP Semiconductors HEF4066BT Datasheet HTML 10Page - NXP Semiconductors HEF4066BT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HEF4066B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 16 November 2011
7 of 16
NXP Semiconductors
HEF4066B
Quad single-pole single-throw analog switch
11.1 Waveforms and test circuit
Measurement points are given in Table 10.
Fig 7.
nY or nZ to nZ or nY propagation delays
001aak672
VM
VM
tPLH
tPHL
VM
VI
input nY or nZ
output nZ or nY
VM
VO
0 V
0 V
Measurement points are given in Table 10.
Fig 8.
Enable and disable times
001aak673
switch OFF
switch ON
input nE
0 V
output nY or nZ
output nY or nZ
switch ON
VM
tPLZ
tPZL
tPZH
tPHZ
VM
10 %
90 %
10 %
VDD
90 %
0 V
VDD
VI
0 V
Table 10.
Measurement points
Supply voltage
Input
Output
VDD
VM
VM
5 V to 15 V
0.5VDD
0.5VDD


Similar Part No. - HEF4066BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066BT PHILIPS-HEF4066BT Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
logo
Nexperia B.V. All right...
HEF4066BT NEXPERIA-HEF4066BT Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
logo
NXP Semiconductors
HEF4066BT-Q100 NXP-HEF4066BT-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
More results

Similar Description - HEF4066BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com