Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48-213-T3D-AP1Q2TY-3C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 48-213-T3D-AP1Q2TY-3C
Description  White Chip LED With Right Angle Lens
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

48-213-T3D-AP1Q2TY-3C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
48-213/T3D-AP1Q2TY/3C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 4
Page: 5 of 12
Device No. : DSE-0005372
Prepared date: 05-Jul-2011
Prepared by: Esther Yan
Chromaticity Coordinates Specifications for Bin Grading
Group
Bin Code
CIE_x
CIE_y
Condition
A
1
0.274
0.226
IF=5mA
0.274
0.258
0.294
0.286
0.294
0.254
2
0.274
0.258
0.274
0.291
0.294
0.319
0.294
0.286
3
0.294
0.254
0.294
0.286
0.314
0.315
0.314
0.282
4
0.294
0.286
0.294
0.319
0.314
0.347
0.314
0.315
5
0.314
0.282
0.314
0.315
0.334
0.343
0.334
0.311
6
0.314
0.315
0.314
0.347
0.334
0.376
0.334
0.343
Notes:
1.The C.I.E. 1931 chromaticity diagram ( Tolerance ±0.01).
2.The products are sensitive to static electricity and care must be fully taken when
handling products.


Similar Part No. - 48-213-T3D-AP1Q2TY-3C_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C Datasheet
195Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T3D-AP1Q2TY-3C TO-GRACE-48-213-T3D-AP1Q2TY-3C Datasheet
790Kb / 12P
   White Chip LED With Right Angle Lens
More results

Similar Description - 48-213-T3D-AP1Q2TY-3C_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C Datasheet
195Kb / 12P
   White Chip LED With Right Angle Lens
T7D-BQ1R2QY EVERLIGHT-T7D-BQ1R2QY Datasheet
155Kb / 12P
   White Chip LED With Right Angle Lens
12-215-W1D-ANPHY-3C EVERLIGHT-12-215-W1D-ANPHY-3C Datasheet
173Kb / 11P
   White Chip LED With Right Angle Lens
48-213-T2D-AQ2R2QY-3C EVERLIGHT-48-213-T2D-AQ2R2QY-3C Datasheet
190Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T2D-AQ2R2QY-3C EVERLIGHT-48-213-T2D-AQ2R2QY-3C_11 Datasheet
147Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T3D-AP1Q2TY-3C TO-GRACE-48-213-T3D-AP1Q2TY-3C Datasheet
790Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T7D-AQ1R2QY-3C TO-GRACE-48-213-T7D-AQ1R2QY-3C Datasheet
788Kb / 12P
   White Chip LED With Right Angle Lens
logo
Everlight Electronics C...
W1D-ANPHY EVERLIGHT-W1D-ANPHY Datasheet
155Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T7D-AQ1R2QY-3C EVERLIGHT-48-213-T7D-AQ1R2QY-3C Datasheet
190Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T2D-AQ2R2QY-3C TO-GRACE-48-213-T2D-AQ2R2QY-3C Datasheet
788Kb / 12P
   White Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com