Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23-22B-R7G6C-A30-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 23-22B-R7G6C-A30-2T
Description  Chip LED (Multi-Color)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-22B-R7G6C-A30-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 23-22B-R7G6C-A30-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 23-22B-R7G6C-A30-2T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 12
Device No. :
Prepared date:3-Jul-2011
Prepared by :Sam Feng
23-22B/R7G6C-A30/2T
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel
Note: The tolerances unless mentioned is
±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 23-22B-R7G6C-A30-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T Datasheet
216Kb / 12P
   Chip LED (Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
23-22B-R7G6C-A30-2T TO-GRACE-23-22B-R7G6C-A30-2T Datasheet
746Kb / 10P
   Package in 8mm tape on 7?엀iameter reel.
More results

Similar Description - 23-22B-R7G6C-A30-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-22B-R7G6C-A30-2T EVERLIGHT-23-22B-R7G6C-A30-2T Datasheet
216Kb / 12P
   Chip LED (Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-S2T1D-C30-2T EVERLIGHT-19-223-S2T1D-C30-2T Datasheet
170Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
15-22-R6GHC-A01-2T EVERLIGHT-15-22-R6GHC-A01-2T Datasheet
190Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-S2BHC-A01-2T EVERLIGHT-19-223-S2BHC-A01-2T Datasheet
182Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-226-R6BHC-B01-2T EVERLIGHT-19-226-R6BHC-B01-2T Datasheet
181Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
logo
List of Unclassifed Man...
15-22SDRVGC-S530-A2 ETC1-15-22SDRVGC-S530-A2 Datasheet
186Kb / 10P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
11-22-R6SGAC-A30-2T TO-GRACE-11-22-R6SGAC-A30-2T Datasheet
1Mb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com