Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23-21-R8C-AN2Q1B-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 23-21-R8C-AN2Q1B-2T
Description  1206 Package Chip LED ( 1.1mm Height )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

23-21-R8C-AN2Q1B-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  23-21-R8C-AN2Q1B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 23-21-R8C-AN2Q1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1 Page: 1 of 10
Device No :
Prepared date: 1Jul-2011
Prepared by: Sam Feng
Technical Data Sheet
1206 Package Chip LED ( 1.1mm Height )
23-21/R8C-AN2Q1B/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
Descriptions
․The 23-21 SMD LED is much smaller than lead
frame type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
․Indoor signboard use.
Device Selection Guide
Part No.
Chip
Emitted Color
Resin Color
Material
23-21/R8C-AN2Q1B/2T
AlGaInP
Deep-Red
Water Clear


Similar Part No. - 23-21-R8C-AN2Q1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
23-21-R8C-AN2Q1B-2T EVERLIGHT-23-21-R8C-AN2Q1B-2T Datasheet
212Kb / 10P
   1206 Package Chip LED (1.1 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
More results

Similar Description - 23-21-R8C-AN2Q1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-11-BHC-AN1P2-2T EVERLIGHT-15-11-BHC-AN1P2-2T Datasheet
163Kb / 10P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
15-21-R6C-AN1P2-2T TO-GRACE-15-21-R6C-AN1P2-2T Datasheet
738Kb / 10P
   1206 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-W1D-APQHY-2T EVERLIGHT-15-21-W1D-APQHY-2T Datasheet
156Kb / 11P
   1206 Package Chip LED (1.1mm Height)
15-11-W1D-APQHY-2T EVERLIGHT-15-11-W1D-APQHY-2T Datasheet
240Kb / 12P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
15-11-W1D-APQHY-2T TO-GRACE-15-11-W1D-APQHY-2T Datasheet
886Kb / 12P
   1206 Package Chip LED (1.1mm Height)
15-21-W1D-APQHY-2T TO-GRACE-15-21-W1D-APQHY-2T Datasheet
679Kb / 11P
   1206 Package Chip LED (1.1mm Height)
logo
Everlight Electronics C...
23-21UYC-S530-A3-TR8 EVERLIGHT-23-21UYC-S530-A3-TR8 Datasheet
223Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
23-21SYGC-S530-E2-TR8 EVERLIGHT-23-21SYGC-S530-E2-TR8 Datasheet
121Kb / 9P
   1206 Package Chip LED ( 1.1mm Height )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com