Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGT670-K Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LGT670-K
Description  TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LGT670-K Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LGT670-K Datasheet HTML 1Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 2Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 3Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 4Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 5Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 6Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 7Page - Siemens Semiconductor Group LGT670-K Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
Besondere Merkmale
q
Gehäusebauform: P-LCC-2
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
q
Störimpulsfest nach DIN 40839
Features
q
P-LCC-2 package
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
q
load dump resistant acc. to DIN 40839
TOPLED®
LS T670, LO T670, LY T670
LG T670, LP T670


Similar Part No. - LGT670-K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGT670 OSRAM-LGT670 Datasheet
435Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGT670 OSRAM-LGT670 Datasheet
435Kb / 15P
   Nicht f체r Neuentwicklungen Not for new designs
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
   Optical Indicator
logo
Vishay Siliconix
LGT670K1M2 VISHAY-LGT670K1M2 Datasheet
211Kb / 13P
   Standard SMD LED PLCC-2
Rev. 2.0, 04-Nov-15
logo
HK TO-GRACE TECHNOLOGY ...
LGT670K1M2 TO-GRACE-LGT670K1M2 Datasheet
880Kb / 13P
   Standard SMD LED PLCC-2
More results

Similar Description - LGT670-K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
   TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
   TOPLED
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
   TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
   TOPLED
LY-T68F-T2V2-35-1-Z OSRAM-LY-T68F-T2V2-35-1-Z Datasheet
482Kb / 22P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com