Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-219-Y5C-AM1N2VY-3T Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 19-219-Y5C-AM1N2VY-3T
Description  0603 Package Chip LED (0.2mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-219-Y5C-AM1N2VY-3T Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-219-Y5C-AM1N2VY-3T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
19-219/Y5C-AM1N2VY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.2
Page: 5 of 10
Device No. : DSE-0005378
Prepared date: 05-Jul-2011
Prepared by: Ashley Kuo
Typical Electro-Optical Characteristics Curves
F
Wavelength λ (nm)
Forward Voltage V (V)
Forward Current
f=1KHz
Duty=1/10
Rel. Luminous Intensity vs
Ta=25°C
F
I (mA)
10
10
Forward Current
1000
100
10
1
10
Forward Current vs.
Ta=25°C
3.0
2.4
1.6
2.0
2.8
Forward Voltage
30°
20°
Ta=25°C
10°
Radiation Diagram
40°
60°
50°
90°
80°
0.6
70°
0.2
0.1
0.5 0.3
0.4
Spectrum Distribution
50
40
30
25
20
10
Ambient Temperature
Rel. Luminous Intensity vs.
0
1000
100
80 100
40 60
20
0
-40 -20
1.0
0.8
0.9
0.7
85
100
60
20
40
10
1
50
40
25
30
20
0
10
0
Ambient Temperature Ta (°C)
Forward Current Derating Curve
-60
Ambient Temperature Ta (°C)
1.2
Ta=25°C
700
650
600
550
100
75
50
0
25
500


Similar Part No. - 19-219-Y5C-AM1N2VY-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-219-Y5C-AM1N2VY-3T EVERLIGHT-19-219-Y5C-AM1N2VY-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.2mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-219-Y5C-AM1N2VY-3T TO-GRACE-19-219-Y5C-AM1N2VY-3T Datasheet
751Kb / 10P
   0603 Package Chip LED (0.2mm Height)
More results

Similar Description - 19-219-Y5C-AM1N2VY-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-219-Y5C-AM1N2VY-3T EVERLIGHT-19-219-Y5C-AM1N2VY-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.2mm Height)
19-219-T7D-AV1W1E-3T EVERLIGHT-19-219-T7D-AV1W1E-3T Datasheet
196Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T7D-AV1W1E-3T EVERLIGHT-19-219-T7D-AV1W1E-3T_11 Datasheet
197Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T Datasheet
192Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T Datasheet
269Kb / 12P
   0603 Package Chip LED (0.2mm Height)
19-219-T3D-AQ2R2TY-3T EVERLIGHT-19-219-T3D-AQ2R2TY-3T_11 Datasheet
193Kb / 12P
   0603 Package Chip LED (0.2mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-219-Y5C-AM1N2VY-3T TO-GRACE-19-219-Y5C-AM1N2VY-3T Datasheet
751Kb / 10P
   0603 Package Chip LED (0.2mm Height)
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
245Kb / 11P
   0402 Package Chip LED (0.2mm Height)
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T_10 Datasheet
144Kb / 12P
   0402 Package Chip LED (0.2mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com