Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q3388 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q62703-Q3388
Description  Mini TOPLED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q3388 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q62703-Q3388 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q3388 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Semiconductor Group
7
1998-11-12
Wellenlänge der Strahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 10 mA
Durchlaßspannung
V
F = f (TA)
Forward voltage
I
F = 10 mA
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 10 mA
Relative Lichtstärke
I
V / IV(25 ˚C ) = f (TA)
Relative luminous intensity
I
F = 10 mA
green
yellow
orange
super-red
pure-green
550
OHL02104
λ
peak
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
green
super-red
orange
yellow
pure-green
1.4
OHL02106
V
F
˚C
A
T
0
20
40
60
80
100
1.6
1.8
2.0
2.2
V
2.4
yellow
green
orange
super-red
pure-green
550
OHL02105
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
yellow
green
orange
super-red
pure-green
0.0
OHL02150
˚C
A
T
0
20
40
60
80
100
V
V
Ι
Ι
0.4
0.8
1.2
1.6
2.0
(25 ˚C)
LS M670, LO M670, LY M670
LG M670, LP M670


Similar Part No. - Q62703-Q3388

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q3304 SIEMENS-Q62703-Q3304 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
Q62703-Q3305 SIEMENS-Q62703-Q3305 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
Q62703-Q3307 SIEMENS-Q62703-Q3307 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
Q62703-Q3326 SIEMENS-Q62703-Q3326 Datasheet
488Kb / 8P
   Mini TOPLED RG
Q62703-Q3327 SIEMENS-Q62703-Q3327 Datasheet
488Kb / 8P
   Mini TOPLED RG
More results

Similar Description - Q62703-Q3388

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
   Mini TOPLED
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
   Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
   Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
   Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
   Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
   Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
   Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
   Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
   Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
   Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com