Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4053DB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LV4053DB
Description  Triple single-pole double-throw analog switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4053DB Datasheet(HTML) 4 Page - NXP Semiconductors

  74LV4053DB Datasheet HTML 1Page - NXP Semiconductors 74LV4053DB Datasheet HTML 2Page - NXP Semiconductors 74LV4053DB Datasheet HTML 3Page - NXP Semiconductors 74LV4053DB Datasheet HTML 4Page - NXP Semiconductors 74LV4053DB Datasheet HTML 5Page - NXP Semiconductors 74LV4053DB Datasheet HTML 6Page - NXP Semiconductors 74LV4053DB Datasheet HTML 7Page - NXP Semiconductors 74LV4053DB Datasheet HTML 8Page - NXP Semiconductors 74LV4053DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
74LV4053_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 August 2009
4 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration SOT38-4
and SOT109-1
Fig 6.
Pin configuration
SOT338-1 and SOT403-1
Fig 7.
Pin configuration for
SOT763-1
74LV4053
2Y1
VCC
2Y0
2Z
3Y1
1Z
3Z
1Y1
3Y0
1Y0
ES1
VEE
S2
GND
S3
001aak424
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74LV4053
2Y1
VCC
2Y0
2Z
3Y1
1Z
3Z
1Y1
3Y0
1Y0
ES1
VEE
S2
GND
S3
001aak342
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aak343
VEE
S2
ES1
3Y0
1Y0
3Z
1Y1
3Y1
1Z
2Y0
2Z
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
74LV4053
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
1Y0, 2Y0, 3Y0
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
13, 1, 3
independent input or output
1Z, 2Z, 3Z
14, 15, 4
common output or input
VCC
16
supply voltage


Similar Part No. - 74LV4053DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053DB PHILIPS-74LV4053DB Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results

Similar Description - 74LV4053DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com