Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N33M(TB)-V Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 4N33M(TB)-V
Description  6 PIN PHOTODARLINGTON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N33M(TB)-V Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  4N33M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N33M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
5
http://www.everlight.com
Document No:DPC-0000021
Rev. 1
February 5, 2009
TIL113
4NXX Series
H11BX Series
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
H11B1
H11B2
H11B3
H11B255
-
25
-
VCC = 10V, IF = 10mA,
RL = 100Ω
Turn-on time
4N29
4N30
4N31
4N32
4N33
TIL113
Ton
-
-
5
µs
VCC = 10V, IC = 50mA,
IF=200mA
H11B1
H11B2
H11B3
H11B255
-
18
-
VCC = 10V, IF = 10mA,
RL = 100Ω
4N32
4N33
TIL113
-
-
100
Turn-off time
4N29
4N30
4N31
Toff
-
-
40
µs
VCC = 10V, IC = 50mA,
IF=200mA
* Typical values at Ta = 25°C


Similar Part No. - 4N33M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N33M FAIRCHILD-4N33M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N33M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N29 EVERLIGHT-4N29 Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
logo
Fairchild Semiconductor
4N29 FAIRCHILD-4N29 Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com