Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-217-W1D-CPQTY-3T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 19-217-W1D-CPQTY-3T
Description  0603 Package Chip LED (0.4mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-217-W1D-CPQTY-3T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  19-217-W1D-CPQTY-3T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-217-W1D-CPQTY-3T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
19-217/W1D-CPQTY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 3 of 12
Device No. :
Prepared date:1-Jul.-2011
Prepared by:Chen Zheng
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
95
mW
Electrostatic Discharge(HBM)
ESD
150
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
45.0
-----
112
mcd
IF=5mA
Viewing Angle
2θ1/2
-----
130
-----
deg
Forward Voltage
VF
2.60
-----
3.00
V
Reverse Current
IR
-----
-----
50
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±11%
2.Tolerance of Forward Voltage ±0.05V


Similar Part No. - 19-217-W1D-CPQTY-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-W1D-CPQTY-3T EVERLIGHT-19-217-W1D-CPQTY-3T Datasheet
190Kb / 12P
   0603 Package Chip LED (0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-217-W1D-CPQTY-3T TO-GRACE-19-217-W1D-CPQTY-3T Datasheet
644Kb / 12P
   0603 Package Chip LED (0.4mm Height)
More results

Similar Description - 19-217-W1D-CPQTY-3T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-Y5C-AQ2R2-3T EVERLIGHT-19-217-Y5C-AQ2R2-3T Datasheet
133Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-217-G7C-AL1M2B-3T EVERLIGHT-19-217-G7C-AL1M2B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-117-BHC-YJ2K2TX-3T EVERLIGHT-19-117-BHC-YJ2K2TX-3T Datasheet
323Kb / 10P
   0603 Package Chip LED (0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-117-BHC-YJ2K2TX-3T TO-GRACE-19-117-BHC-YJ2K2TX-3T Datasheet
784Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-BHC-AN1P2-3T TO-GRACE-19-217-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED(0.4mm Height)
logo
Everlight Electronics C...
19-117-BHC-YJ2K2TX-3T EVERLIGHT-19-117-BHC-YJ2K2TX-3T Datasheet
151Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-R6C-P1Q2-3T EVERLIGHT-19-217-R6C-P1Q2-3T Datasheet
149Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-T1D-ANPHY-3T EVERLIGHT-19-217-T1D-ANPHY-3T Datasheet
165Kb / 11P
   0603 Package Chip LED (0.4mm Height)
19-217-BHC-AN1P2-3T EVERLIGHT-19-217-BHC-AN1P2-3T Datasheet
158Kb / 10P
   0603 Package Chip LED(0.4mm Height)
19-217-S3C-AL2N1VY-3T EVERLIGHT-19-217-S3C-AL2N1VY-3T Datasheet
170Kb / 10P
   0603 Package Chip LED (0.4mm Height)
19-217-T1D-JP1Q2QY-3T EVERLIGHT-19-217-T1D-JP1Q2QY-3T Datasheet
204Kb / 12P
   0603 Package Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com