Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q3228 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q62703-Q3228
Description  Plane 3 mm (T1) LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62703-Q3228 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q62703-Q3228 Datasheet HTML 1Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 2Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 3Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 4Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 5Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 6Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 7Page - Siemens Semiconductor Group Q62703-Q3228 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Semiconductor Group
7
1998-07-13
LS P380, LO P380, LY P380
LG P380, LP P380
Maximal zulässiger Durchlaßstrom
I
F = f (TA)
Max. permissible forward current
LS, LO, LY, LG
Wellenlänge der Stahlung
λ
peak = f (TA)
Wavelength at peak emission
I
F = 20 mA
Maximal zulässiger Durchlaßstrom
I
F = f (TA)
Max. permissible forward current
LP
Dominantwellenlänge
λ
dom = f (TA)
Dominant wavelength
I
F = 20 mA
green
yellow
orange
super-red
pure-green
550
OHL02104
λ
peak
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
60
OHL01661
Ι
F
0
100
60
40
20
A
80
0
T
10
20
30
40
50
˚C
mA
yellow
green
orange
super-red
pure-green
550
OHL02105
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690


Similar Part No. - Q62703-Q3228

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62703-Q3223 SIEMENS-Q62703-Q3223 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
Q62703-Q3224 SIEMENS-Q62703-Q3224 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
Q62703-Q3225 SIEMENS-Q62703-Q3225 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
Q62703-Q3226 SIEMENS-Q62703-Q3226 Datasheet
172Kb / 8P
   Super SIDELED High-Current LED
More results

Similar Description - Q62703-Q3228

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
   3 mm (T1) LED, Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com