Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4051N Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LV4051N
Description  8-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LV4051N Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LV4051N Datasheet HTML 7Page - NXP Semiconductors 74LV4051N Datasheet HTML 8Page - NXP Semiconductors 74LV4051N Datasheet HTML 9Page - NXP Semiconductors 74LV4051N Datasheet HTML 10Page - NXP Semiconductors 74LV4051N Datasheet HTML 11Page - NXP Semiconductors 74LV4051N Datasheet HTML 12Page - NXP Semiconductors 74LV4051N Datasheet HTML 13Page - NXP Semiconductors 74LV4051N Datasheet HTML 14Page - NXP Semiconductors 74LV4051N Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
74LV4051_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 August 2009
11 of 26
NXP Semiconductors
74LV4051
8-channel analog multiplexer/demultiplexer
10. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 15.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay Yn to Z, Z to Yn; see Figure 13
[2]
VCC = 1.2 V
-
25
-
-
-
ns
VCC = 2.0 V
-
9
17
-
20
ns
VCC = 2.7 V
-
6
13
-
15
ns
VCC = 3.0 V to 3.6 V
[3]
-
5
10
-
12
ns
VCC = 4.5 V
-
4
9
-
10
ns
VCC = 6.0 V
-
3
8
-
8
ns
ten
enable time
E to Yn, Z; see Figure 14
[2]
VCC = 1.2 V
-
145
-
-
-
ns
VCC = 2.0 V
-
49
94
-
112
ns
VCC = 2.7 V
-
36
69
-
83
ns
VCC = 3.0 V to 3.6 V; CL =15pF [3]
-23
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-
28
55
-
66
ns
VCC = 4.5 V
-
25
47
-
56
ns
VCC = 6.0 V
-
19
38
-
43
ns
Sn to Yn; see Figure 14
[2]
VCC = 1.2 V
-
140
-
-
-
ns
VCC = 2.0 V
-
48
90
-
107
ns
VCC = 2.7 V
-
35
66
-
79
ns
VCC = 3.0 V to 3.6 V; CL =15pF [3]
-22
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-
27
53
-
63
ns
VCC = 4.5 V
-
24
45
-
54
ns
VCC = 6.0 V
-
18
34
-
41
ns


Similar Part No. - 74LV4051N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4051N PHILIPS-74LV4051N Datasheet
156Kb / 18P
   8-channel analog multiplexer/demultiplexer
1998 Jun 23
More results

Similar Description - 74LV4051N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com