Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-123-Y2ST1D-C30-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-123-Y2ST1D-C30-2T
Description  Chip LED with Bi-Color(Multi-Color)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-123-Y2ST1D-C30-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-123-Y2ST1D-C30-2T_11 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-123-Y2ST1D-C30-2T_11 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 14
Device No:DSE-000
Prepared date: 4-Sep -2009
Prepared by: Xie Haitao
Technical Data Sheet
Chip LED with Bi-Color(Multi-Color)
19-123/Y2ST1D-C30/2T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Multi-color type.
․Pb-free.
․ESD Protection.
․The product itself will remain within RoHS compliant version.
Descriptions
․The 19-123 SMD LED is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Emitted Color
Resin Color
Type
Material
Y2S
AlGaInP
Brilliant Yellow
Yellow Diffused
T1
InGaN
Pure White


Similar Part No. - 19-123-Y2ST1D-C30-2T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T Datasheet
146Kb / 14P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
19-123-Y2ST1D-C30-2T TO-GRACE-19-123-Y2ST1D-C30-2T Datasheet
1Mb / 12P
   Package in 8mm tape on 7?엀iameter reel.
More results

Similar Description - 19-123-Y2ST1D-C30-2T_11

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
18-225-R6G6C-A01-3T TO-GRACE-18-225-R6G6C-A01-3T Datasheet
971Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-22-R6G6C-A01-2T TO-GRACE-19-22-R6G6C-A01-2T Datasheet
842Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
19-223-R7BHC-A30-2T TO-GRACE-19-223-R7BHC-A30-2T Datasheet
994Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T_11 Datasheet
350Kb / 11P
   Chip LED with Bi-Color(Multi-Color)
11-22-R6G6C-QSANP-2T EVERLIGHT-11-22-R6G6C-QSANP-2T Datasheet
178Kb / 11P
   Chip LED with Bi-Color (Multi-Color)
19-223-R7BHC-A30-2T EVERLIGHT-19-223-R7BHC-A30-2T Datasheet
219Kb / 12P
   Chip LED with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com