Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6708AJ8 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM6708AJ8
Description  64K x 4 Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6708AJ8 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM6708AJ8 Datasheet HTML 1Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 2Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 3Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 4Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 5Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 6Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 7Page - Motorola, Inc MCM6708AJ8 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCM6708A
2–5
MOTOROLA FAST SRAM
WRITE CYCLE 1 (W Controlled, See Notes 1 and 2)
MCM6708A–8
MCM6708A–10
MCM6708A–12
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
8
10
12
ns
3
Address Setup Time
tAVWL
0
0
0
ns
Address Valid to End of Write
tAVWH
8
9
10
ns
Write Pulse Width
tWLWH,
tWLEH
8
9
10
ns
Data Valid to End of Write
tDVWH
4
5
6
ns
Data Hold Time
tWHDX
0
0
0
ns
Write Low to Data High–Z
tWLQZ
0
4
0
5
0
6
ns
4, 5, 6
Write High to Output Active
tWHQX
3
3
3
ns
4, 5, 6
Write Recovery Time
tWHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All write cycle timing is referenced from the last valid address to the first transitioning address.
4. Transition is measured 200 mV from steady state voltage with load of Figure 1B.
5. This parameter is sampled and not 100% tested.
6. At any given voltage and temperature, tWLQZ max is less than tWHQX min both for a given device and from device to device.
WRITE CYCLE 1
DATA VALID
HIGH–Z
HIGH–Z
tAVAV
tAVWH
tWHAX
tWHDX
tWHQX
tWLWH
tAVWL
tDVWH
tWLQZ
A (ADDRESS)
E (CHIP ENABLE)
W (WRITE ENABLE)
D (DATA IN)
Q (DATA OUT)
tWLEH


Similar Part No. - MCM6708AJ8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6 MOTOROLA-MCM6706ARJ6 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6R2 MOTOROLA-MCM6706ARJ6R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7 MOTOROLA-MCM6706ARJ7 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7R2 MOTOROLA-MCM6706ARJ7R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results

Similar Description - MCM6708AJ8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com