Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDI602SIA Datasheet(PDF) 11 Page - Clare, Inc.

Part # IXDI602SIA
Description  2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDI602SIA Datasheet(HTML) 11 Page - Clare, Inc.

Back Button IXDI602SIA Datasheet HTML 5Page - Clare, Inc. IXDI602SIA Datasheet HTML 6Page - Clare, Inc. IXDI602SIA Datasheet HTML 7Page - Clare, Inc. IXDI602SIA Datasheet HTML 8Page - Clare, Inc. IXDI602SIA Datasheet HTML 9Page - Clare, Inc. IXDI602SIA Datasheet HTML 10Page - Clare, Inc. IXDI602SIA Datasheet HTML 11Page - Clare, Inc. IXDI602SIA Datasheet HTML 12Page - Clare, Inc. IXDI602SIA Datasheet HTML 13Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IXD_602
R02
www.clare.com
11
5.4 Mechanical Dimensions
5.4.1 SIA (8-Pin SOIC)
5.4.2 SI (8-Pin Power SOIC with Exposed Metal Back)
Recommended PCB Land Pattern
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
1.30 / 1.75
(0.051 / 0.069)
0.10 / 0.25
(0.004 / 0.010)
4.80 / 5.00
(0.190 / 0.197)
PIN 1
0.31 / 0.51
(0.012 / 0.020)
5.80 / 6.20
(0.228 / 0.244)
3.80 / 4.00
(0.150 / 0.157)
1.27 BSC
(0.05 BSC)
0.40 / 1.27
(0.016 / 0.050)
0.10 / 0.25
(0.004 / 0.010)
0.25 / 0.50 x45º
(0.010 / 0.020 x45º)
0º / 8º
1.27
(0.050)
5.40
(0.213)
1.55
(0.061)
0.60
(0.024)
NOTE: Molded package conforms to JEDEC standard configuration
MS-012 variation AA.
Recommended PCB Land Pattern
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
NOTES:
1. Molded package conforms to JEDEC standard configuration
MS-012 variation BA.
2. The exposed metal pad on the back of the SI package may be
left floating or connected to GND. It is not suitable for carrying
current.
1.30 / 1.75
(0.051 / 0.069)
0.03 / 0.10
(0.001 / 0.004)
4.80 / 5.00
(0.190 / 0.197)
PIN 1
0.31 / 0.51
(0.012 / 0.020)
5.80 / 6.20
(0.228 / 0.244)
3.80 / 4.00
(0.150 / 0.157)
1.27 BSC
(0.05 BSC)
0.40 / 1.27
(0.016 / 0.050)
0.10 / 0.25
(0.004 / 0.010)
0.25 / 0.50 x45º
(0.010 / 0.020 x45º)
0º / 8º
2.29 / 2.79
(0.090 / 0.110)
3.30 / 3.81
(0.130 / 0.150)
1.27
(0.050)
5.40
(0.209)
1.55
(0.061)
0.60
(0.024)
2.75
(0.108)
3.80
(0.150)


Similar Part No. - IXDI602SIA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI602SIA IXYS-IXDI602SIA Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
IXDI602SIATR IXYS-IXDI602SIATR Datasheet
308Kb / 13P
   2A Peak Source/Sink Drive Current
More results

Similar Description - IXDI602SIA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
   2 Ampere Single Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
   1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com