Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX6895BE Datasheet(PDF) 6 Page - Clare, Inc.

Part # MX6895BE
Description  -550V Full Bridge Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX6895BE Datasheet(HTML) 6 Page - Clare, Inc.

  MX6895BE Datasheet HTML 1Page - Clare, Inc. MX6895BE Datasheet HTML 2Page - Clare, Inc. MX6895BE Datasheet HTML 3Page - Clare, Inc. MX6895BE Datasheet HTML 4Page - Clare, Inc. MX6895BE Datasheet HTML 5Page - Clare, Inc. MX6895BE Datasheet HTML 6Page - Clare, Inc. MX6895BE Datasheet HTML 7Page - Clare, Inc. MX6895BE Datasheet HTML 8Page - Clare, Inc. MX6895BE Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MX6895
6
www.clare.com
July 29, 2011
2
Functional Block Diagram and Truth Table
MX6895
CONTROL
LOGIC
V
PP
G4
G3
A2
G2
A1
G1
V
DD
GND
INB
INA
INA
INB
G1 - A1
G2 - A2
G3 - VPP
G4 - VPP
LOW
LOW
LOW
LOW
LOW
LOW
HIGH
LOW
HIGH
LOW
LOW
HIGH
LOW
HIGH
LOW
HIGH
HIGH
LOW
HIGH
HIGH
LOW
LOW
LOW
LOW


Similar Part No. - MX6895BE

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX6895BE IXYS-MX6895BE Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
MX6895BETR IXYS-MX6895BETR Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
More results

Similar Description - MX6895BE

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
   Full-Bridge Inverter Gate Driver
logo
Allegro MicroSystems
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
   Full-Bridge PWM Gate Driver
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
   Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
   Full-Bridge PWM Gate Driver
logo
Infineon Technologies A...
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
logo
International Rectifier
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Lowpower Semiconductor ...
LP1115 POWER-LP1115 Datasheet
537Kb / 10P
   Full Bridge Gate Driver with Boost Convertor
logo
International Rectifier
IRS2453D IRF-IRS2453D_16 Datasheet
509Kb / 18P
   Integrated 600 V full-bridge gate driver
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
   Integrated 600 V full-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com